Part Number Hot Search : 
T8055 MJ15022 10N03 L7808ABP LM2902DR VN89AB SS400 VN89AB
Product Description
Full Text Search
 

To Download MM1C40210291 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
40 Channel Mux/Demux with 100GHz Channels
Bookham offers a high performance 40 channel multiplexer or demultiplexer solution for 100 GHz channels. This product uses Bookham proprietary Advanced Energetic Deposition (AED) thin film technology for superior performance. The Bookham 40 channel solutions offer an ideal combination of fully passive operation, low loss, compact size, and wide channel pass bands. The Bookham thin film technology provides a completely passive, flat-topped pass band design that allows for less stringent control of the laser wavelength over the system lifetime as well as a wider pass band than AWG technology for better filter shape through cascading architectures. Typical loss of 4dB is achieved in the uniform loss version of the product. Matched mux-demux pairs are offered with typical back-to-back insertion loss of 5dB. The 135x81x22mm size allows this part to be used in compact assemblies. Ribbon connector options are available for easy interconnection to the rest of the system. Features: * Passive operation * Flat pass band design * 27.5 GHz clear pass band * Low loss (<4.8dB) * High adjacent channel isolation * -5 to 70C operating temperature * Compact Size (135x81x22mm) * Telcordia GR-1221 qualified * RoHS compliant Options: * Ribbon connectors * Uniform loss or matched mux/demux loss * Optical monitor ports * 192.0 or 192.1THz start frequency * Rack mount or LGX enclosure Applications: * Metro and long-haul mux/demux * OADM nodes * Subsystem building block
Example Performance:
1
Data Sheet
40 Channel Mux/Demux; 100GHz Channels
Specifications (valid over operating temperature)
Parameter Channel Number Channel Spacing Channel Frequencies Passband Region Insertion Loss IL Variation Channel to Channel Variation Isolation
b a
Region
Measure from => to
Specification 40 100
Unit
GHz THz GHz Max Max Max Min Min Max Min Max Max Min C C m mm dB dB dB dB dB dB dB dB dB mW
option 20 option 21
192.0 to 195.9 192.1 to 196.0 ITU 13.75
Passband Passbands Passband Adj Ch Non-Adj Ch
Common => Ports 1-40 Common => Ports 1-40 Common => Ports 1-40 Common => Ports 1-40 Common => Ports 1-40 Common => Tap Common => Ports 1-40 Common => Ports 1-40 Common => Ports 1-40 All Ports
4.8 0.5 1.5 25 40 13 45 0.25 0.15 300 -5 to 70 -40 to 85 1.0 + 0.1 135x81x22 900m TB/ribbon options available
5% Tap Insertion Loss Return Loss Polarization Dependant Loss Polarization Mode Dispersion Power Handling Operating Temperature Storage Temperature Fiber Length Dimensions Fiber Type Connector Type
a Losses include connectors. b Uniform loss version.
Example Performance
Typical channel-to-channel loss uniformity
2
Data Sheet
RoHS Compliance
Bookham is fully committed to environment protection and sustainable development and has set in place a comprehensive program for removing polluting and hazardous substances from all of its products. The relevant evidence of RoHS compliance is held as part of our controlled documentation for each of our compliant products. RoHS compliance parts are available to order, please refer to the ordering information section for further details.
Ordering Information: 40ch Multiplexer part numbers: MM1C40200291 (192.0 TO 195.9THz) MM1C40210291 (192.1 TO 196.0THz) 40ch Demultiplexer part numbers: MD1C40200291 (192.0 TO 195.9THz) MD1C40210291 (192.1 TO 196.0THz)
Contact Information
North America Santa Rosa Office
3640 Westwind Boulevard Santa Rosa CA 95403 USA * Tel: +1 707 636 1100 * Fax: +1 707 636 1199
Europe Paignton Office
Brixham Road Paignton Devon TQ4 7BE United Kingdom * Tel: +44 (0) 1803 66 2000 * Fax: +44 (0) 1803 66 2801
Asia Shenzhen Office
2 Phoenix Road Futian Free Trade Zone Shenzhen 518038 China * Tel: +86 755 33305888 * Fax: +86 755 33305805 +86 755 33305807
www.bookham.com sales@bookham.com
Important Notice Performance figures, data and any illustrative material provided in this data sheet are typical and must be specifically confirmed in writing by Bookham before they become applicable to any particular order or contract. In accordance with the Bookham policy of continuous improvement specifications may change without notice. The publication of information in this data sheet does not imply freedom from patent or other protective rights of Bookham or others. Further details are available from any Bookham sales representative.
3
BH12937 Rev 2.0 March 2007 (c)Bookham 2005. Bookham is a registered trademark of Bookham Inc.


▲Up To Search▲   

 
Price & Availability of MM1C40210291

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X